PART |
Description |
Maker |
KS88C01004 KS88C01008 KS88C01016 KS88C01104 KS88C0 |
KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-programmable ROM sizes. KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr KS88系列8位单芯片CMOS微控制器提供了快速,高效的CPU,一个广泛的集成外设,以及各种面具progr KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
KS86P4208 |
(KS86C4204 / KS86C4208 / KS86P4208) SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
|
Samsung semiconductor
|
KS86P6308 KS86C6308 |
SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
|
Samsung semiconductor
|
KS86P6408 KS86C6404 KS86C6408 |
SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
|
Samsung semiconductor
|
KS86P4208 KS86C4204 |
SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
KS86C4004 KS86P4004 KS86P4104 KS86C4104 |
SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
|
Samsung semiconductor
|
KS88C4632 KS88P4632 KS88C4616 |
new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
|
Samsung semiconductor
|
MB90F351EPMC MB90351EPMC MB90351ES MB90F351ES MB90 |
16-bit Microcontrollers Industrial Transceivers; Package: PG-DSO-8; Transmission rate<sub>max</sub>: 1.0 Mbit/s; Bus Wake-up capability: No; Additional Features: RM, INH; Wake-up inputs: No; Standards: ISO11898-2 16-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP64 16-bit Proprietary Microcontrollers 16-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP64
|
Fujitsu Component Limit... Fujitsu Component Limited. http:// Fujitsu, Ltd.
|
P89LPC915FDH P89LPC916FDH P89LPC917FDH P89LPC917FD |
8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter 8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter; Package: SOT403-1 (TSSOP16) 8-BIT, FLASH, 18 MHz, MICROCONTROLLER, PDSO16 P89LPC915/916/917; 8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
|
NXP Semiconductors N.V. Philips
|
KS88C01416 KS88P01416 KS88C01424 KS88P01424 |
KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals and various mask-progra
|
SAMSUNG[Samsung semiconductor]
|